Part Number Hot Search : 
SFH425 P1803Z 1N4936 SP431A G5699 7D241 UFT20270 TSC324
Product Description
Full Text Search
 

To Download ZY2000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  euroquartz limited blacknell lane crewkerne somerset uk ta18 7he tel: +44 (0)1460 230000 fax: +44 (0)1460 230001 info@euroquartz.co.uk www.euroquartz.co.uk euro quartz description ZY2000 series xos are packaged in the industry-standard 14 pin dil package. the part is mil compliant, screening to mil-prf-55310 is available if required. mil compliant wide frequency range from 0.1hz hcmos output industry-standard dual-in-line package general specification outlines and dimensions mil compliant/14 pin dil ZY2000 series xo 0.1hz to 60.0mhz frequency range: 0.1hz to 60.0mhz output: hcmos load: up to 10 lsttl/hcmos loads symmetry: 50%5% <5mhz, 10%% >5mhz temperature stability: 50ppm over -55 to +125c ageing: <10ppm/year input voltage: +5.0dc5% current consumption: rise and fall times: <1ns screening to mil-prf-55310 is available input current frequency current 0.1hz to 250hz 158ma 250hz to 150khz 94ma 150khz to 5mhz 70ma 5mhz to 20mhz 30ma 20mhz to 60mhz 65ma part numbering example: ZY2000-10.0mhz ZY2000 - 10.0mhz model number - frequency


▲Up To Search▲   

 
Price & Availability of ZY2000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X